PART |
Description |
Maker |
AT84AD004 AT84XAD004TD |
Dual 8-bit 500 Msps ADC Provides 500 Msps sampling per channel or 1 Gsps sampling from one channel (interleaving mode) and integrates ... Smart ADC. Dual 8-bit 500 Msps ADC. Temperature range ambient.
|
Atmel
|
TC1550TG-G |
N- and P-Channel Enhancement-Mode Dual MOSFET 350 A, 500 V, 60 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET
|
Supertex, Inc.
|
PPF450M |
N Channel MOSFET; Package: TO-254; ID (A): 8; RDS(on) (Ohms): 0.42; PD (W): 150; BVDSS (V): 500; Rq: 0.83; 12 A, 500 V, 0.42 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Microsemi, Corp.
|
PPF440M |
N Channel MOSFET; Package: TO-254; ID (A): 5; RDS(on) (Ohms): 0.85; PD (W): 125; BVDSS (V): 500; Rq: 1; 8 A, 500 V, 0.85 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Microsemi, Corp.
|
PPF430E |
N Channel MOSFET; Package: SMD-.5; ID (A): 2.6; RDS(on) (Ohms): 1.5; PD (W): 125; BVDSS (V): 500; Rq: 1; 4.3 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Microsemi, Corp.
|
OP-249AJ/883 OP-249ARC/883 OP-249AZ/883 |
DUAL OP-AMP, 500 uV OFFSET-MAX, 4.7 MHz BAND WIDTH, MBCY8 METAL CAN, TO-99, 8 PIN DUAL OP-AMP, 500 uV OFFSET-MAX, 4.7 MHz BAND WIDTH, CQCC20 HERMETIC SEALED, CERAMIC, LCC-20 DUAL OP-AMP, 500 uV OFFSET-MAX, 4.7 MHz BAND WIDTH, CDIP8 CERDIP-8
|
Analog Devices, Inc.
|
AD7653 AD7654ASTZ AD7621 AD7650 AD7679 AD7641 AD76 |
16-Bit, 500 kSPS PulSAR? Dual, 2-Channel, Simultaneous Sampling ADC 16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC 16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC 16-Bit, 500 kSPS PulSAR? Dual, 2-Channel, Simultaneous Sampling ADC
|
Analog Devices
|
APTM50TDUM65PG |
Triple dual common source MOSFET Power Module 51 A, 500 V, 0.078 ohm, 6 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Microsemi, Corp.
|
AD746J AD746SQ AD746SCHIPS AD746B AD746A |
3.2Gbps SFP VCSEL Driver with Diagnostic Monitors Dual Precision/ 500 ns Settling/ BiFET Op Amp Dual Precision, 500 ns Settling, BiFET Op Amp(超低噪音,高速BiFET双运算放大器)
|
Analog Devices, Inc.
|
BSS73DCSM BSS73DCSM-JQR-A BSS73DCSM-JQR-AG4 |
Dual Bipolar NPN Devices in a hermetically sealed 500 mA, 300 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, MO-041BB
|
Seme LAB SEMELAB LTD
|
AD9781BCPZRL AD9781 AD9781-EBZ AD9781BCPZ AD9783 |
Dual 14-Bit, LVDS Interface 500 MSPS DAC; No of Pins: 72; Temperature Range: Industrial PARALLEL, WORD INPUT LOADING, 14-BIT DAC, QCC72 Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
|
Analog Devices, Inc.
|
MTE53N50E MTE53N50E_D ON2535 ON2534 |
From old datasheet system TMOS POWER FET 53 AMPERES 500 VOLTS RDS(on) = 0.080 OHM 53 A, 500 V, 0.08 ohm, N-CHANNEL, Si, POWER, MOSFET
|
MOTOROLA[Motorola, Inc] ON Semi Motorola Mobility Holdings, Inc.
|
|